データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS-SMD-10F-RGB-60 データシート(PDF) 1 Page - BetLux Electronics

部品番号 TLS-SMD-10F-RGB-60
部品情報  LED strip light, RGB color, Top LED type, Flexible , Water Proof
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BETLUX [BetLux Electronics]
ホームページ  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-SMD-10F-RGB-60 データシート(HTML) 1 Page - BetLux Electronics

  TLS-SMD-10F-RGB-60 Datasheet HTML 1Page - BetLux Electronics TLS-SMD-10F-RGB-60 Datasheet HTML 2Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  
LED STRIP LIGHT, Top LED type , RGB COLOR, Water Proof
TLS-SMD-10F-RGB-60
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 2
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
■  Features:
Ø
LED strip light, RGB color, Top LED type, Flexible , Water Proof
Ø
Ultra brightness available
Ø
PLCC6 top LED type
Ø
LED color: RGB color
Ø
LED service life: 50,000-100,000hrs
Ø
Continuous length flexible LED light strips
Ø
Input: 12VDC
Ø
60 pcs LEDs per Meter
Ø
Working Current: 3A for RGB Color a reel
Ø
Cut by every 3 LEDs
Ø
Maintenance free, easy installation
Ø
Application: commercial, residential and industrial environments;
Ø
Can be used as backlighting in decoration and advertisement; can be used in illumination devices
Ø
Standard Length: 5 Meters/Reel
Ø
Printed Circuit Board thickness: 0.2-0.25mm
n
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λ
P
(n
m)
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2(
deg)
Ultra Red
AlGaInP
630
11.5
12.5
500
700
Ultra Pure Green
InGaN
525
11.5
12.5
700
1000
TLS-SMD-10F-RGB-
60
Ultra Blue
InGaN
470
11.5
12.5
400
700
100
n
Full set of LED strip picture


同様の部品番号 - TLS-SMD-10F-RGB-60

メーカー部品番号データシート部品情報
logo
BetLux Electronics
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
More results

同様の説明 - TLS-SMD-10F-RGB-60

メーカー部品番号データシート部品情報
logo
BetLux Electronics
TLS-SMD-10F-RGB-30 BETLUX-TLS-SMD-10F-RGB-30 Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible, Water Proof
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
   LED strip light, RGB color, Top LED type, Flexible
TLS-SMD-10F BETLUX-TLS-SMD-10F Datasheet
99Kb / 2P
   LED strip light, Mono color, Top LED type, Flexible
TLS-F3-96 BETLUX-TLS-F3-96 Datasheet
54Kb / 1P
   Flexible LED strip light, Mono color, flat top LED type
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
logo
Bright View Electronic ...
BVM-SFRGB5C01 BVLED-BVM-SFRGB5C01 Datasheet
138Kb / 5P
   RGB LED STRIP LIGHT
logo
List of Unclassifed Man...
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
   Flexible LED Light Strip
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com