データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS116LP3 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 BAS116LP3
部品情報  ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LP3 データシート(HTML) 1 Page - Diodes Incorporated

  BAS116LP3_15 Datasheet HTML 1Page - Diodes Incorporated BAS116LP3_15 Datasheet HTML 2Page - Diodes Incorporated BAS116LP3_15 Datasheet HTML 3Page - Diodes Incorporated BAS116LP3_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS116LP3
Document number: DS35241 Rev. 6 - 2
1 of 4
www.diodes.com
April 2013
© Diodes Incorporated
BAS116LP3
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Features
Ultra-Small Leadless Surface Mount Package (0.6 x 0.3mm)
Ultra-Low Profile Package (0.3mm)
Very Low Leakage Current
Low Capacitance
Ideal for Compact Battery Powered Portable Electronics
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish Matte Tin Finish over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.2mg (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
BAS116LP3-7
X3-DFN0603-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
BA = Product Type Marking Code
Bar Denotes Cathode Side
Top View
Bottom View
BA
e3


同様の部品番号 - BAS116LP3_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAS116LP3-7 DIODES-BAS116LP3-7 Datasheet
100Kb / 4P
   ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
More results

同様の説明 - BAS116LP3_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAS116LP3 DIODES-BAS116LP3 Datasheet
100Kb / 4P
   ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
BAV116T DIODES-BAV116T_16 Datasheet
373Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT DIODE
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LPH4 DIODES-DLLFSD01LPH4 Datasheet
437Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
logo
Central Semiconductor C...
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LP3Q DIODES-DLLFSD01LP3Q Datasheet
575Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 2 - 2
logo
Central Semiconductor C...
CMOD6001 CENTRAL-CMOD6001_11 Datasheet
494Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com