データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC846BLP4 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 BC846BLP4
部品情報  65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846BLP4 データシート(HTML) 5 Page - Diodes Incorporated

  BC846BLP4_15 Datasheet HTML 1Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 2Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 3Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 4Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 5Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 6Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC846BLP4
Document number: DS35751 Rev. 2 - 2
5 of 7
www.diodes.com
July 2012
© Diodes Incorporated
BC846BLP4
Typical Electrical Characteristics
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
0.0
20.0
40.0
60.0
0.0
0.1
0.2
0.3
0.01
0.1
1
10
100
0.01
0.1
0.01
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-60
-30
0
30
60
90
120
150
0.1
1
10
100
V
CE
, Collector to emitter voltage (V)
150°C
V
CE
v I
C
125°C
I
C
Collector Current (mA)
I
B
=5mA
I
B
=2mA
I
B
=3mA
I
B
=4mA
V
BE(ON)
v I
C
T
A
= 25°C
I
B
=1mA
150°C
125°C
85°C
25°C
-55°C
h
FE
v I
C
I
C
/I
B
=20
-55°C
25°C
85°C
I
C
Collector Current (mA)
85°C
150°C
25°C
V
CE
=5V
125°C
-55°C
I
C
Collector Current (mA)
I
CBO
v I
C
I
C
/I
B
=20
85°C
150°C
V
BE(SAT)
v I
C
125°C
25°C
-55°C
I
C
Collector Current (mA)
V
CBO
=65V
V
CE(SAT)
v I
C
T
A
, Ambient Temperature


同様の部品番号 - BC846BLP4_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BC846BLP4 DIODES-BC846BLP4_17 Datasheet
407Kb / 7P
   65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

同様の説明 - BC846BLP4_15

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BC846BLP4 DIODES-BC846BLP4 Datasheet
164Kb / 6P
   65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC846BLP4 DIODES-BC846BLP4_17 Datasheet
407Kb / 7P
   65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC846AS DIODES-BC846AS_17 Datasheet
638Kb / 7P
   65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC846ASQ DIODES-BC846ASQ Datasheet
548Kb / 7P
   65V DUAL NPN SMALL SIGNAL TRANSISTOR
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
   65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
BC856AS DIODES-BC856AS_17 Datasheet
542Kb / 6P
   65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com