データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5100AF-E データシート(PDF) 1 Page - Leshan Radio Company

部品番号 SM5100AF-E
部品情報  Schottky Barrier Rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM5100AF-E データシート(HTML) 1 Page - Leshan Radio Company

  SM5100AF-E_15 Datasheet HTML 1Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 2Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 3Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 4Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 5Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 6Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 7Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 8Page - Leshan Radio Company SM5100AF-E_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
* IEC61000-4-2 ESD Air Contact≥±15KV
Mechanical Data
Case: JEDEC SMA-FL,
molded plastic over SKY body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0327 g
We declare that the material of product is
Handling precautin:None
Haloggen free (green epoxy compound)
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A
F-E
SM530A
F-E
SM540A
F-E
SM550A
F-E
SM560A
F-E
SM580A
F-E
SM5100
AF-E
Unit
device marking code
S52
S53
S54
S55
S56
S58
S510
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RSM voltage
VRSM
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
at TC = 80°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
°
C/W
Operating junction and storage temperature range
TJ,
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A
F-E
SM530A
F-E
SM540A
F-E
SM550A
F-E
SM560A
F-E
SM580A
F-E
SM5100
AF-E
Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 125°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
110
SM520AF-E thru SM5100AF-E
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 5.0A
5.0
100
150
40 to +150
0.50
0.70
0.85
0.1
10.0


同様の部品番号 - SM5100AF-E_15

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM5100AF SECOS-SM5100AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5100AF FS-SM5100AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM5100AF AITSEMI-SM5100AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM5100AF LRC-SM5100AF_15 Datasheet
308Kb / 9P
   Schottky Barrier Rectifiers
More results

同様の説明 - SM5100AF-E_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com