データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5200BF データシート(PDF) 1 Page - Leshan Radio Company

部品番号 SM5200BF
部品情報  Schottky Barrier Rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM5200BF データシート(HTML) 1 Page - Leshan Radio Company

  SM5200BF_15 Datasheet HTML 1Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 2Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 3Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 4Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 5Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 6Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 7Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 8Page - Leshan Radio Company SM5200BF_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC SMB-FL
molded plastic over glass die
Terminals
: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
we declare that the material of product is halogen
Mounting Position
: Any
free (green epoxy compound).
Weight
: 0.066 g
Handling precautin
:None
Electrical Characteristic
1.Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
Unit
VRRM
V
VRSM
V
VDC
V
IF(AV)
A
IFSM
A
Typical thermal resistance (Note1)
RθJA
RθJC
°C/W
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol
Unit
VF
V
IR
mA
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
0.87
150
200
105
150
140
200
device marking code
SM5150BF thru SM5200BF
Schottky Barrier Rectifiers
Reverse Voltage 150 & 200V Forward Current 5.0A
Parameter Symbol
SM5150BF
SM5200BF
S515
S520
5.0
100
135
25
110
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 125°C
Maximum instantaneous forward voltage at 5.0A
Typical junction capacitance at 4.0V, 1MHz
SM5150BF
SM5200BF
Maximum repetitive peak reverse voltage
Maximum RSM voltage
Maximum DC blocking voltage
Maximum average forward rectified current
lead length at TC = 75°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating junction and storage temperature range
Parameter Symbol
–40 to +150
0.1
10.0


同様の部品番号 - SM5200BF_15

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
SM5200BF AITSEMI-SM5200BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

同様の説明 - SM5200BF_15

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com