データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448 データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4448
部品情報  500mW High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4448 データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N4448 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4448 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4448 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4448 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Small Signal Product
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1410002
Version: E14
1N4148/1N4448/1N914B
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


同様の部品番号 - 1N4448

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4448 PHILIPS-1N4448 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4448 PHILIPS-1N4448 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Chongqing Pingwei Enter...
1N4448 CHONGQING-1N4448 Datasheet
38Kb / 1P
   HIGH SPEED SWITCHING DIODES
logo
First Components Intern...
1N4448 FCI-1N4448 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448 Datasheet
235Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

同様の説明 - 1N4448

メーカー部品番号データシート部品情報
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_10 Datasheet
228Kb / 3P
   500mW High Speed Switching Diode
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
1N4148W MCC-1N4148W Datasheet
94Kb / 2P
   High Speed Switching Diode 500mW
1N4148WX MCC-1N4148WX_11 Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com