データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448WS データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4448WS
部品情報  200mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4448WS データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4448WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4448WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4448WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4448WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148WS/1N4448WS/1N914BWS
Taiwan Semiconductor
- Fast switching device (trr<4.0ns)
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: Flat lead SOD-323F small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 4.85 ± 0.5 mg
SYMBOL
UNIT
PD
mW
VRM
V
VRRM
V
VR
V
IFRM
mA
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
Forward Voltage
nA
μA
Junction Capacitance
CJ
pF
Reverse Recovery Time
trr
ns
Document Number: DS_S0000018
Version: H15
-5.0
VR=0, f=1.0MHz
-4.0
IF=10mA, IR=60mA, RL=100Ω, IRR=1mA
-4.0
1N4448WS, 1N914BWS
IF=100.0mA
-1.0
Reverse Leakage Current
VR=20V
IR
-25
VR=75V
IF=5.0mA
0.62
0.72
1N4148WS
IF=10.0mA
-1.0
V
IR=5μA
75
-
VF
V
1N4448WS, 1N914BWS
Junction and Storage Temperature Range
-65 to + 150
PARAMETER
MIN
MAX
Reverse Breakdown Voltage
IR=100μA
V(BR)
100
-
Non-Repetitive Peak Forward Current
300
Mean Forward Current
150
Thermal Resistance (Junction to Ambient)
625
Power Dissipation
200
Non-Repetitive Peak Reverse Voltage
100
Repetitive Peak Reverse Voltage
75
MECHANICAL DATA
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Small Signal Product
200mW High Speed SMD Switching Diode
FEATURES
SOD-323F
Reverse Voltage
100


同様の部品番号 - 1N4448WS

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4448WS PANJIT-1N4448WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
1N4448WS JIANGSU-1N4448WS Datasheet
701Kb / 4P
   FAST SWITCHING DIODE
logo
Guangdong Juxing Electr...
1N4448WS JUXING-1N4448WS Datasheet
1Mb / 2P
   200mW Surface Mount Switching Didoe
logo
TAITRON Components Inco...
1N4448WS TAITRON-1N4448WS Datasheet
226Kb / 5P
   Two Terminals SMD Switching Diodes
logo
WILLAS ELECTRONIC CORP
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
More results

同様の説明 - 1N4448WS

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com