データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148WS-G データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4148WS-G
部品情報  Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148WS-G データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4148WS-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148WS-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148WS-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148WS-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4148WS-G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Fast Switching Speed
- Moisture sensitivity level (MSL): 1
MECHANICAL DATA
- Case: Bend lead SOD-323 package
- High temperature soldering guaranteed: 260°C/10s
- Weight: 4.5mg (approximately)
- Marking: T4
General purpose switching application
VRM
V
VR
V
IFM
mA
Average rectified output current
IO
mA
IFSM
A
Power dissipation
PD
mW
TJ
°C
TSTG
°C
SYMBOL
MIN
TYP
MAX
UNIT
VF1
0.715
V
VF2
0.885
V
VF3
1V
VF4
1.25
V
IR1
1
μA
IR2
25
nA
CT
2pF
trr
4.0
ns
Version: B14
VALUE
Capacitance between terminals
200
Small Signal Product
Switching Diode
- Surface Mounted Device
- 55 to +150
Peak forward surge current @t=1
μs
1N4148WS-G
FEATURES
- Pb free and RoHS compliant
Taiwan Semiconductor
PARAMETER
2.0
150
Non-repettive peak forward current
300
Junction temperature
150
UNIT
75
APPLICATION
Reverse leakage current
IF = 50mA
IF = 150mA
VR=75V
IF=IR=10mA, Irr=0.1 ∙ IR,
RL=100Ω
Peak reverse voltage
100
PARAMETER
Forward voltage
Storage temperature
IF = 1mA
DC blocking voltage
SYMBOL
VR=20V
IF = 10mA
SOD-323
TEST CONDITION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
VR=0V , f=1MHz
Reverse recovery time


同様の部品番号 - 1N4148WS-G

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4148WS-G VISHAY-1N4148WS-G Datasheet
95Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 14-Oct-16
1N4148WS-G VISHAY-1N4148WS-G Datasheet
98Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
1N4148WS-G VISHAY-1N4148WS-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
1N4148WS-G VISHAY-1N4148WS-G Datasheet
100Kb / 5P
   Small Signal Fast Switching Diode
01-Jan-2022
1N4148WS-G3-08 VISHAY-1N4148WS-G3-08 Datasheet
98Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
More results

同様の説明 - 1N4148WS-G

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com