データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103BWS-HG3-18 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SD103BWS-HG3-18
部品情報  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103BWS-HG3-18 データシート(HTML) 1 Page - Vishay Siliconix

  SD103BWS-HG3-18 Datasheet HTML 1Page - Vishay Siliconix SD103BWS-HG3-18 Datasheet HTML 2Page - Vishay Siliconix SD103BWS-HG3-18 Datasheet HTML 3Page - Vishay Siliconix SD103BWS-HG3-18 Datasheet HTML 4Page - Vishay Siliconix SD103BWS-HG3-18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AWS-G, SD103BWS-G, SD103CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 21-Nov-13
1
Document Number: 81142
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.0 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• The SD103 series is a metal-on-silicon Schottky
barrier device which is protected by a PN
junction guardring
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing, and coupling diodes for fast
switching and low logic level applications
• Other
applications
are
click
suppression,
efficient full wave bridges in telephone subsets,
and blocking diodes in rechargeable low voltage
battery systems
• For general purpose applications
• AEC-Q101 qualified available
• Base P/N-G3 - green, commercial grade
• Base P/N-HG3 - green, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
SD103AWS-G
SD103AWS-G3-08 or SD103AWS-G3-18
Single diode
Z6
Tape and reel
SD103AWS-HG3-08 or SD103AWS-HG3-18
SD103BWS-G
SD103BWS-G3-08 or SD103BWS-G3-18
Single diode
Z7
SD103BWS-HG3-08 or SD103BWS-HG3-18
SD103CWS-G
SD103CWS-G3-08 or SD103CWS-G3-18
Single diode
Z8
SD101CWS-HG3-08 or SD101CWS-HG3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD103AWS-G
VRRM
40
V
SD103BWS-G
VRRM
30
V
SD103CWS-G
VRRM
20
V
Forward continuous current (1)
IF
350
mA
Single cycle surge
10 μs square wave
IFSM
2A
Power dissipation (1)
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
500
K/W
Junction temperature
Tj
125
°C
Operating temperature range
Top
-55 to +125
°C
Storage temperature range
Tstg
-55 to +150
°C


同様の部品番号 - SD103BWS-HG3-18

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SD103BWS-7 DIODES-SD103BWS-7 Datasheet
94Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS-7-F DIODES-SD103BWS-7-F Datasheet
406Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
SD103BWS-7-F DIODES-SD103BWS-7-F Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
S30101 Rev. 16 - 2
SD103BWS-7-F DIODES-SD103BWS-7-F Datasheet
188Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS-7-F DIODES-SD103BWS-7-F Datasheet
278Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - SD103BWS-HG3-18

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com