データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT42WS-L0RRG データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 BAT42WS-L0RRG
部品情報  Surface Mount, Switching Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WS-L0RRG データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT42WS-L0RRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WS-L0RRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42WS-L0RRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42WS-L0RRG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT42WS-L0RRG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "x" is Device Code from "2" thru "3".
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S1412009
Version: E14
BAT42W-M0 RPG
BAT42W
-M0
RP
G
Define manufacture
source
Green compound
BAT42W RPG
BAT42W
RP
G
Multiple manufacture
source
Green compound
BAT42W RP
BAT42W
RP
Multiple manufacture
source
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
RP
RF
-xx
BAT42W/BAT43W
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
EXAMPLE
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
Define manufacture
source
Green compound
BAT4xW
(Note 1)
G
SOD-123
3,000 / 7" Reel
BAT42W-D0 RFG
BAT42W
-D0
RF
G


同様の部品番号 - BAT42WS-L0RRG

メーカー部品番号データシート部品情報
logo
SHENZHEN YONGERJIA INDU...
BAT42WS-43WS WINNERJOIN-BAT42WS-43WS Datasheet
344Kb / 3P
   Fast Switching Time
logo
Diodes Incorporated
BAT42WS-7 DIODES-BAT42WS-7 Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
BAT42WS-7-F DIODES-BAT42WS-7-F Datasheet
352Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 11 - 2
BAT42WS-7-F DIODES-BAT42WS-7-F Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 13 - 2
BAT42WS-7-F DIODES-BAT42WS-7-F Datasheet
88Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - BAT42WS-L0RRG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com