データシートサーチシステム |
|
BYG23M データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
BYG23M データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 4 page CREAT BY ART - Glass passivated junction chip. - Ideal for automated placement - Fast switching for high efficiency - High surge current capability - Halogen-free according to IEC 61249-2-21 definition - AEC-Q101 available The superior avalanche capability of BYG23M is specially suited for free-wheeling, clamping, snubbering, demagnetization in power supplies and other power switching applications. Molding compound, UL flammability classification rating 94V-0 Base P/N with suffix "G" on packing code - green compound (halogen-free) Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 2 whisker test VRRM V VRMS V VDC V IF(AV) A trr ns CJ pF RθJA OC/W TJ OC TSTG OC Document Number: DS_D1411087 Version: B14 - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC MECHANICAL DATA Case: DO-214AC (SMA) DO-214AC (SMA) BYG23M Taiwan Semiconductor High Efficient Surface Mount Rectifiers FEATURES - Moisture sensitivity level: level 1, per J-STD-020 UNIT Maximum repetitive peak reverse voltage Maximum RMS voltage Polarity: Indicated by cathode band Weight: 0.064 g (approximately) MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25°C unless otherwise noted) PARAMETER SYMBOL BYG23M 1000 50 Maximum DC blocking voltage Maximum average forward rectified current (@TA=65°C) 1.5 Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load IFSM 50 65 Typical junction capacitance (Note 3) Maximum reverse current @ rated VR TJ=25°C TJ=100°C TJ=125°C IR μA A Maximum instantaneous forward voltage (Note 1) @ 1 A VF V 15 Storage temperature range 700 1000 1.7 1 ERSM 30 - 55 to +150 Typical thermal resistance 70 TYPICAL APPLICATION mJ - 55 to +150 Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0Volts. Note 1: Pulse Test with PW=300μs, 1% Duty Cycle 15 Pulse energy in avalanche mode, non repetitive (Inductive load switch off ) TA=25℃, I(BR)R =1.23A Maximum reverse recovery time (Note 2) Operating junction temperature range |
同様の部品番号 - BYG23M |
|
同様の説明 - BYG23M |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |