データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F00165H データシート(PDF) 2 Page - Solid States Devices, Inc

部品番号 F00165H
部品情報  Avalanche Rated N-channel MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00165H データシート(HTML) 2 Page - Solid States Devices, Inc

  F00165H_15 Datasheet HTML 1Page - Solid States Devices, Inc F00165H_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00165H
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF27N50M
SFF27N50Z
Electrical Characteristics 5/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
VGS = 0V, ID = 250μA
BVDSS
500
510
––
V
Drain to Source On State
Resistance
VGS = 10V, ID = 18A, Tj= 25
oC
VGS = 10V, ID = 18A, Tj=125
oC
RDS(on)
––
––
––
150
400
175
––
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 4.0mA, Tj= 25
oC
VDS = VGS, ID = 4.0mA, Tj= 125
oC
VDS = VGS, ID = 4.0mA, Tj= -55
oC
VGS(th)
3.0
2.0
––
4.0
3.0
5.0
5.0
––
6
V
Gate to Source Leakage
VGS = ±20V, Tj= 25
oC
VGS = ±20V, Tj= 125
oC
IGSS
––
––
10
30
±100
––
nA
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V, Tj = 25
oC
VDS = 500V, VGS = 0V, Tj = 125
oC
IDSS
––
––
0.01
5.0
25
500
μA
μA
Forward Transconductance
VDS = 20V, ID = 18A, Tj = 25
oC
gfs
15
35
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
VDS = 250V
ID = 18A
Qg
Qgs
Qgd
––
––
––
75
25
25
150
––
––
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = 10V
VDS = 250V
ID = 35A
RG = 3.0Ω, pw= 3us
td(on)
tr
td(off)
tf
––
––
––
––
55
30
65
25
75
50
150
50
nsec
Diode Forward Voltage
IF = 35A, VGS = 0V
VSD
––
0.95
1.5
V
Diode Reverse Recovery Time
Diode Reverse Recovery Current
Reverse Recovery Charge
IF = 25A, di/dt = 100A/usec
trr
IRM
Qrr
––
––
––
180
8.0
0.85
250
––
––
nsec
A
μC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
4700
540
20
––
––
––
pF
Available Part Numbers:
Consult Factory
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3
TO254 (M)
PIN 1
PIN 3
PIN 2
TO254Z (Z)
PIN 3
PIN 2
PIN 1


同様の部品番号 - F00165H_15

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
F00165H SSDI-F00165H Datasheet
133Kb / 2P
   POWER MOSFET
More results

同様の説明 - F00165H_15

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
FT0028 SSDI-FT0028 Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0037B SSDI-FT0037B Datasheet
118Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0044A SSDI-FT0044A Datasheet
145Kb / 2P
   Avalanche Rated N-channel MOSFET
F00129H SSDI-F00129H_15 Datasheet
188Kb / 3P
   Avalanche Rated N-channel MOSFET
SFF44N50M SSDI-SFF44N50M Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF75N10B SSDI-SFF75N10B_1 Datasheet
125Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0030 SSDI-FT0030_15 Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF23N60M SSDI-SFF23N60M Datasheet
169Kb / 2P
   Avalanche Rated N-channel MOSFET
SFF44N50S1 SSDI-SFF44N50S1 Datasheet
161Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0038C SSDI-FT0038C Datasheet
158Kb / 2P
   Avalanche Rated N-channel MOSFET
FT0031C SSDI-FT0031C_15 Datasheet
161Kb / 2P
   Avalanche Rated N-channel MOSFET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com