データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0228A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA0228A
部品情報  SAW Filter 2122.5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0228A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0228A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0228A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0228A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0228A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0228A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0228A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2122.5 MHz
MODEL NO.: TA0228A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 0 V
3.Operating Temperature: -20
°C to +75°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min.
Typ.
Max
Note
Center frequency
FC
MHz
-
2122.5
-
-
Insertion loss
2105~2140 MHz
dB
-
3.0
4.0
-
Amplitude ripple
2105~2140 MHz
dB
-
1.1
2.0
-
V.S.W.R
2105~2140 MHz
-
1.5
2.4
-
Group delay ripple
2105~2140 MHz
ns
7
16
Attenuation:( Reference level from 0 dB)
0 ~ 1950MHz
dB
33
42
-
-
1950 ~ 2050MHz
dB
25
37
-
-
2195 ~ 2295 MHz
dB
25
51
-
-
2295 ~ 3400 MHz
dB
31
50
-
-
3400 ~ 4000 MHz
dB
23
45
-
-
Impedance at FC Input
ZIN =RIN//CIN
50
Ω // 0 PF
1
Output ZOUT =ROUT//COUT
50
Ω// 0 PF
1
Note1. No matching network required for operation at 50
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA0228A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA0228A GOLLEDGE-TA0228A Datasheet
216Kb / 6P
   2122.50MHz SAW Filter
More results

同様の説明 - TA0228A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA0743A TAI-SAW-TA0743A Datasheet
278Kb / 8P
   SAW Filter 2122.5 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com