データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZ23C11Q-7-F データシート(PDF) 2 Page - Diodes Incorporated

部品番号 DZ23C11Q-7-F
部品情報  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ23C11Q-7-F データシート(HTML) 2 Page - Diodes Incorporated

  DZ23C11Q-7-F Datasheet HTML 1Page - Diodes Incorporated DZ23C11Q-7-F Datasheet HTML 2Page - Diodes Incorporated DZ23C11Q-7-F Datasheet HTML 3Page - Diodes Incorporated DZ23C11Q-7-F Datasheet HTML 4Page - Diodes Incorporated DZ23C11Q-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DZ23C2V7 - DZ23C51
Document number: DS18002 Rev. 20 - 2
2 of 5
www.diodes.com
July 2013
© Diodes Incorporated
DZ23C2V7 - DZ23C51
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient Air
(Note 6)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
–65 to +150
°C
Notes:
6. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Code
Zener
Voltage Range
(Note 7)
Maximum
Zener Impedance
f = 1kHz
Typical
Temperature
Coefficient
Min.
Reverse
Voltage (Note 7)
@ IZT = 5.0mA
ZZT @ IZT = 5.0mA
ZZK @ IZK = 1.0mA
@ IR = 0.1µA
VZ (V)
TC (%/°C)
VR (V)
DZ23C2V7
V1
2.5-2.9
83
500
-0.065
DZ23C3V0
V2
2.8-3.2
95
500
-0.060
DZ23C3V3
V3
3.1-3.5
95
500
-0.055
DZ23C3V6
V4
3.4-3.8
95
500
-0.055
DZ23C3V9
V5
3.7-4.1
95
500
-0.050
DZ23C4V3
V6
4.0-4.6
95
500
-0.035
DZ23C4V7
V7
4.4-5.0
78
500
-0.015
DZ23C5V1
V8
4.8-5.4
60
480
+0.005
0.8
DZ23C5V6
V9
5.2-6.0
40
400
+0.020
1.0
DZ23C6V2
VA
5.8-6.6
10
200
+0.030
2.0
DZ23C6V8
VB
6.4-7.2
8.0
150
+0.045
3.0
DZ23C7V5
VC
7.0-7.9
7.0
50
+0.050
5.0
DZ23C8V2
VD
7.7-8.7
7.0
50
+0.055
6.0
DZ23C9V1
VE
8.5-9.6
10
50
+0.065
7.0
DZ23C10
VF
9.4-10.6
15
70
+0.065
7.5
DZ23C11
VG
10.4-11.6
20
70
+0.070
8.5
DZ23C12
VH
11.4-12.7
20
90
+0.075
9.0
DZ23C13
VI
12.4-14.1
25
110
+0.080
10.0
DZ23C15
VJ
13.8-15.6
30
110
+0.080
11.0
DZ23C16
VK
15.3-17.1
40
170
+0.090
12.0
DZ23C18
VL
16.8-19.1
50
170
+0.090
14.0
DZ23C20
VM
18.8-21.2
50
220
+0.090
15.0
DZ23C22
VN
20.8-23.3
55
220
+0.090
17.0
DZ23C24
VO
22.8-25.6
80
220
+0.090
18.0
DZ23C27
VP
25.1-28.9
80
250
+0.090
20.0
DZ23C30
VQ
28-32
80
250
+0.090
22.5
DZ23C33
VR
31-35
80
250
+0.090
25.0
DZ23C36
VS
34-38
90
250
+0.090
27.0
DZ23C39
VT
37-41
90
300
+0.110
29.0
DZ23C43
VU
40-46
100
700
+0.110
32.0
DZ23C47
VV
44-50
100
750
+0.110
35.0
DZ23C51
VW
48-54
100
750
+0.110
38.0
Notes:
7. Short duration pulse test used to minimize self-heating effect.


同様の部品番号 - DZ23C11Q-7-F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
DZ23C11 VISHAY-DZ23C11 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
EIC discrete Semiconduc...
DZ23C11 EIC-DZ23C11 Datasheet
113Kb / 2P
   ZENER DIODE
logo
Diodes Incorporated
DZ23C11 DIODES-DZ23C11 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Vishay Siliconix
DZ23C11 VISHAY-DZ23C11 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C11 DIODES-DZ23C11 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

同様の説明 - DZ23C11Q-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com