データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1A データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 UF1A
部品情報  Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1A データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UF1A_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1A_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF1A_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF1A_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- Excellent high temperature switching
- Ultrafast recovery time for high efficiency
- Soft recovery characteristics
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
SYMBOL UF1A UF1B UF1D UF1G UF1J UF1K UF1M UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Trr
ns
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1405072
Version: F14
UF1A thru UF1M
Taiwan Semiconductor
Glass Passivated High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
30
Maximum repetitive peak reverse voltage
PARAMETER
Case:
DO-204AL (DO-41)
DO-204AL (DO-41)
Weight:
0.33g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
1.0
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
150
Maximum reverse recovery time (Note 2)
Storage temperature range
- 55 to +150
Typical junction capacitance (Note 3)
Typical thermal resistance
RθJL
RθJA
15
60
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
- ldally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
1.7
50
75
17
OC/W
Operating junction temperature range


同様の部品番号 - UF1A_14

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
UF1A TSC-UF1A_10 Datasheet
602Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
UF1A MCC-UF1A_11 Datasheet
230Kb / 3P
   1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_13 Datasheet
433Kb / 4P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results

同様の説明 - UF1A_14

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER151G GOOD-ARK-HER151G Datasheet
182Kb / 2P
   Glass Passivated High Efficient Rectifiers
1H1G GOOD-ARK-1H1G Datasheet
186Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER3001PT TSC-HER3001PT_14 Datasheet
392Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com