データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4742G データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4742G
部品情報  1W DO-41 Zener Volatge Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4742G データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1N4742G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4742G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4742G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4742G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4742G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Notice
Document Number: DS_S1406003
1N4728G ~ 1N4758G
Taiwan Semiconductor
Small Signal Product
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or seling these
products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such
improper use or sale.
Version: E14
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no
responsibility or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property
rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.


同様の部品番号 - 1N4742G

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
1N4742G EIC-1N4742G Datasheet
34Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4742G TSC-1N4742G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
More results

同様の説明 - 1N4742G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com