データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4749A データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4749A
部品情報  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4749A データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4749A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4749A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4749A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4749A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4749A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4749A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4749A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CREAT BY ART
(TA=25°C unless otherwise noted)
Document Number: DS_D1409040
Version: L15
RATINGS AND CHARACTERISTICS CURVES
1N4740A - 1M200Z
Taiwan Semiconductor
0
0.25
0.5
0.75
1
1.25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(oC)
FIG. 1 POWER TEMPERATURE DERATING CURVE
1
10
100
1000
110
100
Iz, ZENER CURRENT(mA)
FIG.4 EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
Iz(rms)=0.1 Iz(dc)
f=1KHz
Iz = 1mA
5 mA
20mA
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VF, FORWARD VOLTAGE (V)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
MINIMUM
MAXIMUM
0°C
25°C
70°C
150°C
1
10
100
1000
0
1
10
100
Iz, ZENER CURRENT (mA)
FIG.3 EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
Iz(rms)=0.1 Iz(dc)
f=1KHz
47V
27V
0.8V
0.001
0.01
0.1
1
10
100
1000
10000
345
6789
10
11
12
13
14
15
Vz, NOMINAL ZENER VOLTAGE(V)
FIG.5 TYPICAL LEAKAGE CURRENT
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
125°C
25°C


同様の部品番号 - 1N4749A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4749A PHILIPS-1N4749A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4749A VISHAY-1N4749A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4749A RENESAS-1N4749A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Yangzhou yangjie electr...
1N4749A YANGJIE-1N4749A Datasheet
160Kb / 3P
   Zener Diodes
logo
List of Unclassifed Man...
1N4749A ETC1-1N4749A Datasheet
56Kb / 2P
   ZENER DIODES
More results

同様の説明 - 1N4749A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com