データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4763A データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4763A
部品情報  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4763A データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  1N4763A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4763A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4763A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4763A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4763A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4763A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4763A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW =
Date Code
F =
Factory Code
Document Number: DS_D1409040
Version: L15
MARKING DIAGRAM
DO-204AL (DO-41)
1N4740A - 1M200Z
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)


同様の部品番号 - 1N4763A

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N4763A TRSYS-1N4763A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Yangzhou yangjie electr...
1N4763A YANGJIE-1N4763A Datasheet
188Kb / 3P
   Zener Diodes
logo
Won-Top Electronics
1N4763A WTE-1N4763A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Vishay Siliconix
1N4763A VISHAY-1N4763A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Chongqing Pingwei Enter...
1N4763A CHONGQING-1N4763A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

同様の説明 - 1N4763A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com