データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX55B68 データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 BZX55B68
部品情報  2% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55B68 データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX55B68 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZX55B2V4) to 75V (BZX55B75)
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1410002
Version: E14
Multiple manufacture
source
Halogen free
R0
-xx
BZX55B75
G
MARKING DIAGRAM
BZX
55B
XXX
BZX55B75-L0 R0G
BZX55B75-B0 R0G
BZX55B75 R0G
BZX55B75
R0
DIM.
Unit (mm)
Unit (inch)
G
G
Define manufacture
source
Halogen free
EXAMPLE
PREFERRED
PART NO.
BZX55B2V4 thru BZX55B75
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
BZX55Bxxx
(Note1)
R0
GDO-35
10K / 14" Reel
A0
5K / Box (Ammo)
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKAGE OUTLINE DIMENSION
Define manufacture
source
Halogen free
R0
L0
B0
BZX55B75


同様の部品番号 - BZX55B68

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BZX55B68 VISHAY-BZX55B68 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B68 NJSEMI-BZX55B68 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B68 VISHAY-BZX55B68 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B68 TSC-BZX55B68 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B68 EIC-BZX55B68 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

同様の説明 - BZX55B68

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com