データシートサーチシステム |
|
BZW04-5V8B データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
BZW04-5V8B データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 6 page CREAT BY ART - Excellent clamping capability - Low impedance surge resistance - 400W surge capability at 10 / 1000 μs waveform - Typical IR less than 1μA above 10V - Halogen-free according to IEC 61249-2-21 definition Molding compound, UL flammability classification rating 94V-0 Base P/N with suffix "G" on packing code - green compound (halogen-free) Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 1A whisker test, SYMBOL UNIT PPK Watts RθJL oC/W TJ OC TSTG OC Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2 Note 2: Mounted on 5 x 5 mm Copper Pads to Each Terminal Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum PART NO. PART NO. BZW04-94 BZW04-94 Document Number: DS_D1406028 Version: H14 - 55 to +175 Green compound DESCRIPTION 1,000 / Bulk packing Transient Voltage Suppressor BZW04-94 A0 A0 BZW04-94 A0G A0 G EXAMPLE PREFERRED P/N PACKING CODE GREEN COMPOUND CODE DO-41 B0 DO-41 Note 1: "xxx" defines voltage from 5.8V (BZW04-5V8) to 376V (BZW04-376) 5,000 / 13" Paper reel (Reverse) BZW04-xxx (Note 1) A0 Suffix "G" DO-41 R0 DO-41 R1 oC/W ORDERING INFORMATION PACKING CODE GREEN COMPOUND CODE PACKAGE - 55 to +175 Operating junction temperature range Storage temperature range Junction to leads Junction to ambient on printed circuit L lead=10mm RθJA 100 60 Watts Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (Note 3) IFSM A 40 1 PARAMETER Peak power dissipation at TA=25 oC, Tp=1ms (Note 1) Steady state power dissipation at TL=75 oC lead lengths .375", 9.5mm (Note 2) PD 400 VALUE - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC DO-204AL (DO-41) MECHANICAL DATA Case: DO-204AL (DO-41) Weight: 0.3g (approximately) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) FEATURES - Very fast response time 5,000 / 13" Paper reel 3,000 / Ammo box (52mm taping) PACKING Taiwan Semiconductor BZW04 SERIES |
同様の部品番号 - BZW04-5V8B |
|
同様の説明 - BZW04-5V8B |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |