データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ13 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 SMAJ13
部品情報  400W, 5V - 188V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ13 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMAJ13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CREAT BY ART
Test
Maximum
Current
Reverse
Leakage
IT
@ VWM
Min
Max
(mA)
ID (μA)
SMAJ5.0
AD
5
6.4
7.30
10
9.6
41.7
800
SMAJ5.0A
AE
5
6.4
7.00
10
9.2
43.5
800
SMAJ6.0
AF
6
6.67
8.15
10
11.4
35.1
800
SMAJ6.0A
AG
6
6.67
7.37
10
10.3
38.8
800
SMAJ6.5
AH
6.5
7.22
8.82
10
12.3
32.5
500
SMAJ6.5A
AK
6.5
7.22
7.98
10
11.2
35.7
500
SMAJ7.0
AL
7
7.78
9.51
10
13.3
30.1
200
SMAJ7.0A
AM
7
7.78
8.60
10
12.0
33.3
200
SMAJ7.5
AN
7.5
8.33
10.30
1
14.3
28.0
100
SMAJ7.5A
AP
7.5
8.33
9.21
1
12.9
31.0
100
SMAJ8.0
AQ
8
8.89
10.90
1
15.0
26.7
50
SMAJ8.0A
AR
8
8.89
9.83
1
13.6
29.4
50
SMAJ8.5
AS
8.5
9.44
11.50
1
15.9
25.2
10
SMAJ8.5A
AT
8.5
9.44
10.40
1
14.4
27.8
10
SMAJ9.0
AU
9
10.0
12.20
1
16.9
23.7
5
SMAJ9.0A
AV
9
10.0
11.10
1
15.4
26.0
5
SMAJ10
AW
10
11.1
13.60
1
18.8
21.3
5
SMAJ10A
AX
10
11.1
12.30
1
17.0
23.5
5
SMAJ11
AY
11
12.2
14.90
1
20.1
19.9
1
SMAJ11A
AZ
11
12.2
13.50
1
18.2
22.0
1
SMAJ12
BD
12
13.3
16.30
1
22.0
18.2
1
SMAJ12A
BE
12
13.3
14.70
1
19.9
20.1
1
SMAJ13
BF
13
14.4
17.60
1
23.8
16.8
1
SMAJ13A
BG
13
14.4
15.90
1
21.5
18.6
1
SMAJ14
BH
14
15.6
19.10
1
25.8
15.5
1
SMAJ14A
BK
14
15.6
17.20
1
23.2
17.2
1
SMAJ15
BL
15
16.7
20.40
1
26.9
14.9
1
SMAJ15A
BM
15
16.7
18.50
1
24.4
16.4
1
SMAJ16
BN
16
17.8
21.80
1
28.8
13.9
1
SMAJ16A
BP
16
17.8
19.70
1
26.0
15.4
1
SMAJ17
BQ
17
18.9
23.10
1
30.5
13.1
1
SMAJ17A
BR
17
18.9
20.90
1
27.6
14.5
1
SMAJ18
BS
18
20.0
24.40
1
32.2
12.4
1
SMAJ18A
BT
18
20.0
22.10
1
29.2
13.7
1
SMAJ20
BU
20
22.2
27.10
1
35.8
11.2
1
SMAJ20A
BV
20
22.2
24.50
1
32.4
12.3
1
SMAJ22
BW
22
24.4
29.80
1
39.4
10.2
1
SMAJ22A
BX
22
24.4
26.90
1
35.5
11.3
1
SMAJ24
BY
24
26.7
32.60
1
43.0
9.3
1
SMAJ24A
BZ
24
26.7
29.50
1
38.9
10.3
1
SMAJ26
CD
26
28.9
35.30
1
46.6
8.6
1
SMAJ26A
CE
26
28.9
31.90
1
42.1
9.5
1
SMAJ28
CF
28
31.1
38.00
1
50.0
8.0
1
SMAJ28A
CG
28
31.1
34.40
1
45.4
8.8
1
Document Number: DS_D1411078
Version: N15
SMAJ SERIES
Taiwan Semiconductor
Device
Device
Marking
Code
Working Peak
Reverse
Voltage
VWM
(V)
Breakdown Voltage
Maximum
Clamping
Voltage at IPPM
Vc (V)
(Note5)
Maximum
Peak Pulse
Surge Current
IPPM
(A)(Note5)
VBR (V)
at IT


同様の部品番号 - SMAJ13

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ13 JGD-SMAJ13 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
AiT Semiconductor Inc.
SMAJ13 AITSEMI-SMAJ13 Datasheet
341Kb / 8P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Socay Electornics Co., ...
SMAJ13 SOCAY-SMAJ13 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ13 RFE-SMAJ13 Datasheet
82Kb / 1P
   SURFACE MOUNT Transient Voltage Suppressor
logo
Guangdong Juxing Electr...
SMAJ13 JUXING-SMAJ13 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

同様の説明 - SMAJ13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com