データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS78L15CTA3 データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS78L15CTA3
部品情報  3-Terminal 100mA Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L15CTA3 データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS78L15CTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L15CTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
5/13
Version: G14
TS78L24 Electrical Characteristics
(VIN=33V, IOUT=40mA, 0
oC
≤T
J
≤125oC, C
IN=0.33µF, COUT=0.1µF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage
VOUT
TJ=25
oC
23.07
24
24.96
V
27V
≤Vin≤38V,
5mA
≤I
OUT
≤100mA
22.85
24
25.20
Line Regulation
REGLINE
TJ=25
oC
27
≤Vin≤38V
IOUT=40mA
--
200
400
mV
Load Regulation
REGLOAD
TJ=25
oC
5mA
≤I
OUT
≤100mA
--
80
240
5mA
≤I
OUT
≤40mA
--
40
120
Quiescent Current
IQ
IOUT=0, TJ=25
oC
--
4
7
mA
Quiescent Current Change
∆IQ
27V
≤Vin≤38V
--
--
1.5
5mA
≤I
OUT
≤40mA
--
--
0.1
Output Noise Voltage
VN
10Hz
≤f≤100KHz, TJ=25oC
--
200
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 27V
≤Vin≤38V
31
45
--
dB
Voltage Drop
VDROP
IOUT=100mA, TJ=25
oC
--
1.7
--
V
Peak Output Current
Io peak
TJ=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
∆VOUT/ ∆TJ
IOUT=5mA, 0
oC
≤TJ≤150oC
--
-2.0
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


同様の部品番号 - TS78L15CTA3

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS78L18ACYRM TSC-TS78L18ACYRM Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CSRL TSC-TS78L18CSRL Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CTA3 TSC-TS78L18CTA3 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CTB0 TSC-TS78L18CTB0 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L18CXRF TSC-TS78L18CXRF Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
More results

同様の説明 - TS78L15CTA3

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com