データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1117BCWRPG データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1117BCWRPG
部品情報  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCWRPG データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCWRPG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117BCWRPG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS1117B
1A Low Dropout Positive Voltage Regulator
6/8
Version: F14
SOT-223 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
XX
= Output Voltage
(1.2=1.2V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)


同様の部品番号 - TS1117BCWRPG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1117BCWRPG TSC-TS1117BCWRPG Datasheet
324Kb / 9P
   1A Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1117BCWRPG

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com