データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2937CW12RP データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2937CW12RP
部品情報  500mA Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CW12RP データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2937CW12RP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937CW12RP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
2/10
Version: D13
Electrical Characteristics ( VIN=VOUT+1V, IL=5mA, CO=10uF, TA=25
oC, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
0.980|Vo|
12 / 10
5.0 / 3.3
1.020|Vo|
V
Output Voltage
5mA
≤ I
L
≤ 500mA,
Vo+1V
≤ V
IN
≤ 26V
0.970|Vo|
1.030|Vo|
V
Input Supply Voltage
--
--
26
V
Output Voltage Temperature Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+1V
≤ V
IN
≤ 26V
--
0.05
0.5
%
Load Regulation
5mA
≤ I
L
≤ 500mA
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=300mA
IL=500mA
--
--
--
100
400
600
300
500
700
mV
Quiescent Current (Note 5)
IL=100uA
IL=300mA
IL=500mA
--
--
--
200
12
25
--
--
--
uA
mA
mA
Short Circuit Current (Note 6)
VOUT =0
--
--
1.3
A
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2uF
CL=3.3uF
CL=33uF
--
--
--
500
350
120
--
--
--
uVrms
Thermal Performance
Condition
Package type
Typ
Unit
Thermal Resistance
Junction to Ambient
TO-220
60
oC/W
TO-263
80
TO-252
150
SOT-223
170
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the electrical characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the
junction to ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal
shutdown. The effective value of θja can be reduced by using a heatsink.
Note 3: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 4: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current.
Note 5: Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the
maximum specified temperature.


同様の部品番号 - TS2937CW12RP

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2937CW12 TSC-TS2937CW12 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results

同様の説明 - TS2937CW12RP

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com