データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2937CZ50C0 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2937CZ50C0
部品情報  500mA Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CZ50C0 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2937CZ50C0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937CZ50C0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
1/10
Version: D13
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
TS2937 of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of applications.
This device excellent choice of use in battery-power application. Furthermore, the quiescent current increases on
slightly at dropout, which prolongs battery life. This series of fixed-voltage regulators features very low ground
current (200uA Typ.) and very low drop output voltage (Typ. 60mV at light load and 600mV at 500mA). This
includes a tight initial tolerance of 2%, extremely good line regulation of 0.05% typ., and very low output
temperature coefficient.
Features
Dropout voltage typically 0.6V @ Io=500mA
Output voltage trimmed before assembly
-18V Reverse peak voltage
+30V Input over voltage protection
+60V Transient peak voltage
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
12= 12V
50= 5V
33= 3.3V
Contact factory for additional voltage options.
Part No.
Package
Packing
TS2937CZxx C0
TO-220
50pcs / Tube
TS2937CMxx RN
TO-263
800pcs / 13” Reel
TS2937CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS2937CWxx RP
SOT-223
2.5Kpcs / 13” Reel
Block Diagram
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-18 ~ +60
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Input
2. Ground
3. Output


同様の部品番号 - TS2937CZ50C0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
More results

同様の説明 - TS2937CZ50C0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com