データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2951 データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2951
部品情報  150mA Ultra Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951 データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS2951_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2951_15 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS2951
Taiwan Semiconductor
Document Number: DS_P0000207
6
Version: G15
APPLICATION INFORMATION (CONTINUE)
Reducing Output Noise
It could be an advantage to reduce the AC noise present at the output. One method is to reduce the regulator
bandwidth by increasing the value of the output capacitor. This is the only method that noise could reduce on the
TS2951, but is relatively inefficient, as increasing capacitor from 1µF to 220µF only decreases the noise from
430µV to 160µVrms for a 100KHz bandwidth at 5V output. Noise could be also reduced by fourfold by a bypass
capacitor across R1 since it reduces the high frequency gain from 4 to unity.
Pick Cbypass= 1 / 2πR1 * 200Hz or choose 0.01µF when doing this, the output capacitor must be increased to
3.3uF to maintain stability. These change the output noise from 430µV/rms for a 100 kHz bandwidth 5V, 3.3V & 3V
output. With the bypass capacitor added, noise no longer scales with output voltage so that improvements are
more dramatic higher output voltage.
Error Detection Comparator Output
The Compactor produces a logic low output whenever the TS2951 output falls of regulation by more than around
5%. This is around 60 mV offset divided by the 1.235 reference voltage. Thus trip remains 5% below nominal
regardless of the programmed output voltage of the regulator. The Figure 1 shows the timing diagram depicting the
ERROR signal and the regulator output voltage as the TS2951 input is ramped up and down. The ERROR signal
becomes low at around 1.3V input, it goes high around 5V input (input voltage at which VOUT=4.75V). The TS2951
dropout voltage depending on the load, the input voltage trip point around 5V will vary with load current. The output
voltage trip point is around 4.75V, it does not change with load. The error comparator has an open-collector output
which requires an external pull-up resistor. Depending on the system requirement, the resistor maybe returned to 5
or 3.3V output or other supply voltage depending to the system requirements. For determining the size of the
resistor, note that the output is sinking 400uA, this value adds to battery drain in a low better condition,
recommended values 100K to 1MΩ. If the output is unused this resistor is not required.
Programming The output Voltage
The TS2951 output voltage is programmable for any value from it reference voltage of 1.235V and it maximum
rating of 30V. For example for 5 volt needs to pin-strapped and using the internal voltage divider by tying pin 1 to 2
and pin 7 to pin 6. There are two external resistor required for this programming. Refer to the below equation for
the programming the output voltage:
Volt=VREF x (1+R1\R2)+IFB * R1
The VREF is 1.235V and IFB is the feedback bias current, nominally -20nA. The minimum recommended load current
of 1µA forces an upper limit of 1.2MΩon value of R2, If no load presented the IFB produces error of typically 2% in
VOUT which maybe eliminated at room temperature by trimming R1. To improve the accuracy chooses the value of
R2=100K and this reduces the error by 0.17% and increases the resistor program current by 12µA. The TS2951
typically draw 60µA at no load with pin 2 open-circuit, and this value does not look much.
Error Output Timing


同様の部品番号 - TS2951_15

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2951ACS TSC-TS2951ACS Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACS TSC-TS2951ACS Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2951ACS-3.0 TSC-TS2951ACS-3.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACS-3.3 TSC-TS2951ACS-3.3 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2951ACS-5.0 TSC-TS2951ACS-5.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS2951_15

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com