データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5213CX533RFG データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS5213CX533RFG
部品情報  80mA Low Noise LDO Voltage Regulator with Enable Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213CX533RFG データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5213CX533RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213CX533RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS5213
Taiwan Semiconductor
Document Number: DS_P0000201
2
Version: G15
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted) (Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
VIN
-20~ +20
V
Enable Input Voltage
VCE
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
RθJA
220
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
RECOMMEND OPERATING RATING
(Note 2)
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
VIN
+2.5 ~ +16
V
Enable Input Voltage
VCE
0 ~ VIN
V
ELECTRICAL SPECIFICATIONS
(VIN = VO+1V, IO = 100μA, COUT = 1μF, Vce≥2V, TA = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VIN=VO + 1V
-3
--
3
%
-40ºC ≤ TJ ≤ +125ºC
-4
--
4
Output Voltage Temp. Coefficient
(Note 5)
--
50
200
ppm/
oC
Line Regulation
VO+1V ≤ VIN ≤ 16V
--
0.008
0.3
%
Load Regulation
(Note 6)
0.1mA ≤ Io ≤ 80mA
--
0.08
0.3
%
Dropout Voltage
(Note 7)
IO=100uA
--
50
--
mV
IO=20mA
--
230
300
IO=50mA
--
280
370
IO=80mA
--
320
420
Quiescent Current
VEN ≤0.4V (shutdown)
--
0.01
10
μA
Ground Pin Current
(Note 8)
VEN≥2V
(active)
IO=100μA
--
80
--
μA
IO=20mA
--
225
750
IO=50mA
--
850
--
IO=80mA
--
1800
3000
Output Current Limit
VOUT =0V
--
250
500
mA
Power Supply Rejection Ratio
At f=100Hz, IO=100μA,
--
65
--
dB
Thermal Regulation
(Note 9)
--
0.05
--
%/W


同様の部品番号 - TS5213CX533RFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5213CX5 TSC-TS5213CX5 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CX5RF TSC-TS5213CX5RF Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
More results

同様の説明 - TS5213CX533RFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com