データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS90115CXRFG データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS90115CXRFG
部品情報  250mA Low Quiescent Current CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS90115CXRFG データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS90115CXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS90115CXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS90115CXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS90115CXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS90115CXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS90115CXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS90115CXRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS9011
Taiwan Semiconductor
Document Number: DS_P0000182
2
Version: G15
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
VIN
12
V
Output Current
IOUT
250
mA
Power Dissipation
SOT-23
PD
0.30
W
SOT-89
0.50
Operating Ambient Temperature
TOPR
-40 ~ +85
oC
Junction Temperature Range
TJ
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Ambient
SOT-23
RӨJA
333
oC/W
SOT-89
200
Note: Measured with FR4 4-layer board having thermal via holes
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise specified)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VIN=Vo + 1V,
Io =40mA,
TS90115
4.90
5.0
5.10
V
TS9011S
3.23
3.3
3.36
TS9011P
2.94
3.0
3.06
TS9011K
2.45
2.5
2.55
TS9011D
1.76
1.8
1.83
TS9011A
1.47
1.5
1.53
Maximum Output Current
VIN=Vo+1V,
250
--
--
mA
Input Stability
VO+1V  Vin  VO+2V, Io=1mA
--
0.2
0.3
%
Load Regulation
(Note1)
VIN=Vo+1V,
1mA
I
L100mA
TS90115
--
40
80
mV
TS9011S
VIN=Vo+1V,
1mA
I
L80mA
TS9011P
--
40
90
TS9011K
TS9011D
TS9011A
Dropout Voltage
(Note 2)
Io=250mA
TS90115
--
400
600
mV
Io=200mA
TS9011S
--
400
650
Io=160mA
TS9011P
--
400
700
Io=160mA
TS9011K
--
400
700
Io=120mA
TS9011D
--
400
750
Io=100mA
TS9011A
--
850
1000
Quiescent Current
VIN=Vo+1V, Io=0A
--
2
5
µA
Output Current Limit
VOUT < 0.4V
--
400
--
mA
Power Supply Rejection Ratio
At f=100KHz, Io=10mA,
--
30
--
dB
Output Voltage Temperature
Coefficient
(Note 3)
--
100
--
ppm/
oC
Note:
1.
Regulation is measured at constant junction temperature, using pulsed ON time.
2.
Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT inside
target value +/-2%.
3.
Guaranteed by design.


同様の部品番号 - TS90115CXRFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS90115CX TSC-TS90115CX Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
More results

同様の説明 - TS90115CXRFG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com