データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS29152 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS29152
部品情報  1.5A Ultra Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS29152_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
3/8
Version: B13
Electrical Specification (Continue)
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the
junction to ambient thermal resistance, θ, and the ambient temperature , Ta. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal
shutdown. The effective value of θJA can be reduced by using a heatsink.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current.
Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 1.5A at the
maximum specified temperature.
Note 7: Thermal regulation is defined as the change in output voltage at a time T after a change in power
dissipation is applied, excluding load or line regulation effects. Specification are for a 200mA load pulse at
VIN =20V(a 4W pulse) for T=10mS
Note 8: Comparator thresholds are expressed in terms of a voltage differential at the adjust terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage
change, multiply by the error amplifier gain = VOUT/VREF = (R1+R2) / R2. For example, at a programmed
output voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV x 5V / 1.24V
= 384mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout warning
occurring at typically 5% below nominal, 7.7% guaranteed.
Pin Description
Pin Configuration
Function Description
Enable
Enable (input): TTL/COMS compatible input. Logic high is enable; logic low or open is
shutdown
Input
Unregulated input: +26V maximum supply
Ground
Ground: Ground pin and TAB/heatsink are internally connected.
Output
Regulator output
Adjust
Adjustment input: Feedback input. Connect to resistive voltage-divider network.
Typical Application Circuit


同様の部品番号 - TS29152_13

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS29152CM5 TSC-TS29152CM5 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29152CM5RN TSC-TS29152CM5RN Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS29152CZ5 TSC-TS29152CZ5 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29152CZ5C0 TSC-TS29152CZ5C0 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
More results

同様の説明 - TS29152_13

メーカー部品番号データシート部品情報
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com