データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSG40N120CEC0 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSG40N120CEC0
部品情報  N-Channel IGBT with FRD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSG40N120CEC0 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSG40N120CEC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSG40N120CE
N-Channel IGBT with FRD.
2/10
Version: B12
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
IGBT
JC
0.6
oC/W
DIODE
2.2
Thermal Resistance - Junction to Ambient
JA
25
Electrical Specifications (Tc=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 1mA
BVCES
1200
--
--
V
Zero Gate Voltage Collector Current
VCE = 1200V, VGE = 0V
ICES
--
--
1
mA
Gate-Emitter Leakage Current
VGE = 20V, VCE = 0V
IGES
--
--
±250
nA
Gate-Emitter Threshold Voltage
VGE = VCE, IC = 40mA
VGE(TH)
4.0
6.0
8.0
V
Collector-Emitter Saturation Voltage
VGE = 15V,IC =40A, TJ=25ºC
VCE(SAT)
--
2
2.8
V
VGE = 15V,IC =40A, TJ=125ºC
VCE(SAT)
--
2.5
--
V
Dynamic
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1.0MHz
CIES
--
5150
--
pF
Output Capacitance
COES
--
150
--
Reverse Transfer Capacitance
CRES
--
100
--
Switching
Turn-On Delay Time
VCC = 600V, IC = 40A,
RG = 5Ω, VGE = 15V
Inductive Load, TJ=25
oC
td(on)
--
41
--
nS
Rise Time
tr
--
82
--
Turn-Off Delay Time
td(off)
--
200
--
Fall Time
tf
--
85
170
Turn-On Switching Loss
Eon
--
5.8
8.7
mJ
Turn-Off Switching Loss
Eoff
--
1.5
2.3
Total Switching Loss
Ets
--
7.3
11
Turn-On Delay Time
VCC = 600V, IC = 40A,
RG = 5Ω, VGE = 15V
Inductive Load, TJ=125
oC
td(on)
--
45
--
nS
Rise Time
tr
--
76
--
Turn-Off Delay Time
td(off)
--
212
--
Fall Time
tf
--
189
--
Turn-On Switching Loss
Eon
--
5.6
5
mJ
Turn-Off Switching Loss
Eoff
--
3.3
5
Total Switching Loss
Ets
--
8.9
13.4
Total Gate Charge
VCC = 600V, IC = 40A,
VGE = 15V
Qg
--
210
315
nC
Gate-Emitter Charge
Qge
--
50
75
Gate-Collector Charge
Qgc
--
115
173


同様の部品番号 - TSG40N120CEC0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
More results

同様の説明 - TSG40N120CEC0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSG60N100CE TSC-TSG60N100CE Datasheet
431Kb / 9P
   N-Channel IGBT with FRD
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
TSG25N120CN TSC-TSG25N120CN Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120CN TSC-TSG15N120CN Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG60N100 TSC-TSG60N100 Datasheet
431Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120 TSC-TSG15N120 Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com