データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

130112-0126 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 130112-0126
部品情報  In-line Replacement Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0126 データシート(HTML) 1 Page - Molex Electronics Ltd.

  130112-0126 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0126
Status:
Active
Overview:
Lighting Accessories
Description:
In-line Replacement Transformer
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678862524
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
N/A
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
1653-12
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 130112-0126

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130112-0120 MOLEX11-130112-0120 Datasheet
31Kb / 1P
   Watertite짰 Handle for Incandescent Hand Lamp
130112-0121 MOLEX11-130112-0121 Datasheet
31Kb / 1P
   Watertite Handle for Incandescent Hand Lamp with Ground Clip
130112-0122 MOLEX11-130112-0122 Datasheet
31Kb / 1P
   Ground Clip for Watertite Hand Lamp
130112-0124 MOLEX11-130112-0124 Datasheet
38Kb / 1P
   Magnetic Holder Base with Swivel
130112-0128 MOLEX11-130112-0128 Datasheet
31Kb / 1P
   Handle Assembly with Guard for Spotlight & Floodlight
More results

同様の説明 - 130112-0126

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130112-0131 MOLEX11-130112-0131 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt 117V/12V
130112-0134 MOLEX11-130112-0134 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt Carrying Handle
130112-0132 MOLEX11-130112-0132 Datasheet
31Kb / 1P
   In-line Replacement Transformer for 60W Floodlight and 100W Spotlight
logo
Power Integrations, Inc...
LNK562 POWERINT-LNK562_V01 Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK562 POWERINT-LNK562 Datasheet
755Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562 POWERINT-LNK562_08 Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
logo
XFMRS Inc.
XFADSL54S XFMRS-XFADSL54S Datasheet
74Kb / 1P
   LINE TRANSFORMER
logo
API Technologies Corp
6778 APITECH-6778 Datasheet
253Kb / 1P
   Line TransFormer
logo
Rhombus Industries Inc.
T-1284G RHOMBUS-IND-T-1284G Datasheet
19Kb / 1P
   Line Transformer
T-1416 RHOMBUS-IND-T-1416 Datasheet
20Kb / 1P
   Line Transformer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com