データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

130112-0136 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 130112-0136
部品情報  Plain Super-Safeway Rubber Handle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0136 データシート(HTML) 1 Page - Molex Electronics Ltd.

  130112-0136 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0136
Status:
Active
Overview:
Lighting Accessories
Description:
Plain Super-Safeway Rubber Handle
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Safety Yellow®
Type
Accessory
UPC
78678860916
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Lamp Type
A21
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
170-1
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 130112-0136

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
130112-0130 MOLEX11-130112-0130 Datasheet
31Kb / 1P
   Super-Safeway Low-Volt Guard for Spotlight Rubber Coated
130112-0131 MOLEX11-130112-0131 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt 117V/12V
130112-0132 MOLEX11-130112-0132 Datasheet
31Kb / 1P
   In-line Replacement Transformer for 60W Floodlight and 100W Spotlight
130112-0133 MOLEX11-130112-0133 Datasheet
31Kb / 1P
   Low-Volt Cover Assembly with Warning Replacement for Hazardous Duty Hand Lamps
130112-0134 MOLEX11-130112-0134 Datasheet
31Kb / 1P
   In-line Replacement Transformer Low-Volt Carrying Handle
More results

同様の説明 - 130112-0136

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301120075 MOLEX11-1301120075 Datasheet
34Kb / 1P
   Plain Super Protex Rubber Handle
130112-0075 MOLEX11-130112-0075 Datasheet
41Kb / 1P
   Plain Super Protex Handle
1301020204 MOLEX11-1301020204 Datasheet
34Kb / 1P
   Super-Safeway Rubber Hand Lamp
1301020045 MOLEX11-1301020045 Datasheet
28Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Quick Release Guard with Receptacle in Handle
1301020058 MOLEX11-1301020058 Datasheet
28Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Guard with Receptacle in Handle
1301020044 MOLEX11-1301020044 Datasheet
28Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Quick Release Guard with Switch in Handle
1301020060 MOLEX11-1301020060 Datasheet
28Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Guard with Receptacle in Handle
1301020207 MOLEX11-1301020207 Datasheet
35Kb / 1P
   Super-Safeway Rubber Hand Lamp with Switch
130102-0210 MOLEX11-130102-0210 Datasheet
39Kb / 1P
   Super-Safeway Rubber Hand Lamp with Receptacle
1301020075 MOLEX11-1301020075 Datasheet
33Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W, Screw Release Guard with Receptacle in Handle 15.24m
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com