データシートサーチシステム |
|
FCZO-24-10BY データシート(PDF) 2 Page - PANDUIT CORP. |
|
FCZO-24-10BY データシート(HTML) 2 Page - PANDUIT CORP. |
2 / 3 page Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. PHYSICAL INFRASTRUCTURE SYSTEMS A. System Overview B. Copper Systems C. Fiber Optic Systems D. Power over Ethernet E. Zone Cabling F. Wireless G. Outlets H. Media Distribution I. Physical Infrastructure Management J. Overhead & Underfloor Routing K. Surface Raceway L. Cabinets, Racks & Cable Management M. Grounding & Bonding N. Industrial O. Labeling & Identification P. Cable Management Accessories Q. Index QuickNet™ MTP* Fiber Optic Cassettes (continued) For MTP* Connector Cleaning Tools, see page C.107. *MTP is a registered trademark of US Conec Ltd. FC6-12-10Y FC6-24-10Y Std. Ctn. Qty. Std. Pkg. Qty. Part Description Part Number 10Gig ™ 50/125µm (OM3) Multimode SFQ Series MTP* Cassettes FCX-12-10Y OM3 10Gig ™ 50/125µm six LC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FCX-12-10BY OM3 10Gig ™ QuickNet ™ six LC duplex adapters to two male MTP* connectors. Modified Method B, pair flipped wiring scheme. 1 10 FCX-24-10Y OM3 10Gig ™ 50/125µm twelve LC duplex adapters to two male 12-fiber pre-terminated MTP* connectors. 1 10 FCX-24-10BY OM3 10Gig ™ QuickNet ™ twelve LC duplex adapters to two male MTP* connectors. Modified Method B, pair flipped wiring scheme. 1 10 FCX-12-3SY OM3 10Gig ™ 50/125µm six SC simplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FCX-12-3Y OM3 10Gig ™ 50/125µm six SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 50/125µm (OM2) Multimode MTP* Cassettes FC5-12-10Y OM2 50/125µm six LC duplex adapters to one male MTP*; 12-fiber pre-terminated MTP* cassette provides low insertion loss of 1.0dB max. per fiber. 1 10 FC5-24-10Y OM2 50/125µm twelve LC duplex adapters to two male 12-fiber pre-terminated MTP* connectors. 1 10 FC5-12-3SY OM2 50/125µm twelve SC simplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC5-12-3Y OM2 50/125µm six SC simplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 62.5/125µm (OM1) Multimode MTP* Cassettes FC6-12-10Y OM1 62.5/125µm six LC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC6-24-10Y OM1 62.5/125µm twelve LC duplex adapters to two male 12-fiber pre-terminated MTP* connectors. 1 10 FC6-12-3SY OM1 62.5/125µm twelve SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC6-12-3Y OM1 62.5/125µm six SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC6-6-3 OM1 62.5/125µm three SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 9/125µm (OS1/OS2) Singlemode MTP* Cassettes FC9-12-10Y OS1/OS2 Singlemode six LC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC9-24-10Y OS1/OS2 Singlemode twelve LC duplex adapters to two male 12-fiber pre-terminated MTP* connectors. 1 10 FC9-12-3SY OS1/OS2 Singlemode six SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC9-12-3Y OS1/OS2 Singlemode six SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 FC9-6-3 OS1/OS2 Singlemode three SC duplex adapters to one male 12-fiber pre-terminated MTP* connector. 1 10 |
同様の部品番号 - FCZO-24-10BY |
|
同様の説明 - FCZO-24-10BY |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |