データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFCL750C8 データシート(PDF) 1 Page - Littelfuse

部品番号 LFCL750C8
部品情報  Cable Limiters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFCL750C8 データシート(HTML) 1 Page - Littelfuse

  LFCL750C8 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
SPECIFICATIONS
Voltage Rating: 600 volts AC
Interrupting Rating: 200,000 Amperes
Cable Size Range: 4/0 – 750MCM Copper or Aluminum
Minimum Operating Temperature: 80°C
Cable limiters are fusible devices that provide very fast
short-circuit protection, primarily to faulted cables, but also
to other conductors such as busway. Cable limiters do not
have an ampere rating, and cannot be used to provide over-
load protection. Cable limiters are selected by cable size;
for example, a 500 kcmil cable requires a 500 kcmil cable
limiter. Their main use is to isolate faulted cables in circuits
containing three or more parallel conductors per phase.
They may be installed on the line side of the main service
to provide short-circuit protection to the service conductors.
This is especially important when service conductors are
tapped from large low-voltage networks or from large low
impedance transformers.
Cable limiters have terminals which permit them to be
installed in a variety of equipment. The most common
configuration is the offset blade on one end and the crimp
terminal on the other end. This permits the limiter to replace
a cable terminal (lug).
APPLICATIONS
Service entrance conductors
Between transformer or network bus and busway
terminal boxes
Large feeders with three or more conductors per phase
FEATURES
s
Current-limiting characteristics provide protection to
conductor insulation and reduce damage when faults occur.
s
Properly applied cable limiters may permit the use of
equipment with reduced withstand ratings
s
Wide variety of terminations and cable ratings permit use
in almost every situation.
Cable Limiters
600 Volts AC
ORDERING INFORMATION
LFCL
1
-
C
-
500
-
DESCRIPTION
CATALOG NUMBER
Type Termination Cable Size
Cable Type
COPPER
ALUMINUM
4/0
LFCL4/0C1
LFCL4/0A1
250MCM
LFCL250C1 LFCL250A1
1
350MCM
LFCL350C1 LFCL350A1
Cable to
500MCM
LFCL500C1 LFCL500A1
Cable
750MCM
LFCL750C1 LFCL750A1
4/0
LFCL4/0C3
LFCL4/0A3
250MCM
LFCL250C3 LFCL250A3
3
350MCM
LFCL350C3 LFCL350A3
Cable to
500MCM
LFCL500C3 LFCL500A3
Offset Bus
750MCM
LFCL750C3 LFCL750A3
4/0
LFCL4/0C5
250MCM
LFCL250C5
5
Straight Bus
350MCM
LFCL350C5
to
500MCM
LFCL500C5
Offset Bus
750MCM
LFCL750C5
4/0
LFCL4/0C6
LFCL4/0A6
250MCM
LFCL250C6 LFCL250A6
6
350MCM
LFCL350C6 LFCL350A6
Mole to
500MCM
LFCL500C6 LFCL500A6
Cable
750MCM
LFCL750C6 LFCL750A6
4/0
LFCL4/0C8
250MCM
LFCL250C8
8
350MCM
LFCL350C8
Mole to
500MCM
LFCL500C8
Offset Bus
750MCM
LFCL750C8
Contact factory for shrink tubing availability.


同様の部品番号 - LFCL750C8

メーカー部品番号データシート部品情報
logo
Littelfuse
LFCL750C8 LITTELFUSE-LFCL750C8 Datasheet
425Kb / 1P
   Cable Limiters - 600 Volts AC
More results

同様の説明 - LFCL750C8

メーカー部品番号データシート部品情報
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
   LFCL CABLE LIMITERS
Rev: 101017
logo
Cooper Bussmann, Inc.
UHJ-M COOPER-UHJ-M Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Littelfuse
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
   Cable Limiters - 600 Volts AC
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
   RF BOADBAND LIMITERS
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
Skyworks Solutions Inc.
CLA4610-085LF SKYWORKS-CLA4610-085LF Datasheet
594Kb / 8P
   Low-loss, high-power limiters
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com