データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1696A データシート(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1696A
部品情報  SAW Filter 1950MHz 60MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1696A データシート(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1696A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 1950MHz 60MHz BW SMD 1.4x1.1 mm
TST Part No.: TA1696A
Customer Part No.:
Checked by:
Andy Yu
Approved by:
Bob Chau
Date:
2014/02/25
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


同様の部品番号 - TA1696A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA1696A GOLLEDGE-TA1696A Datasheet
218Kb / 7P
   SAW Filter 1950.0MHz
More results

同様の説明 - TA1696A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA1695A TAI-SAW-TA1695A Datasheet
420Kb / 8P
   SAW Filter 1740MHz 60MHz BW SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com