データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1719A データシート(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1719A
部品情報  SAW Filter 915 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1719A データシート(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1719A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1719A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1719A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1719A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1719A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1719A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1719A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 915 MHz SMD 3.0×3.0 mm (BW=26 MHz)
TST Part No.: TA1719A
Customer Part No.:
Checked by:
David Chang
Approved by:
Bob Chau
Date:
2014/03/10
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


同様の部品番号 - TA1719A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1711A TAI-SAW-TA1711A Datasheet
234Kb / 7P
   SAW Filter 2395MHz
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
   SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
   169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
logo
Golledge Electronics Lt...
TA1715A GOLLEDGE-TA1715A Datasheet
151Kb / 7P
   SAW Filter 169.40MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1717A TAI-SAW-TA1717A Datasheet
214Kb / 8P
   SAW Filter 345 MHz
More results

同様の説明 - TA1719A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
   SAW Filter 915 MHz
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
   SAW Filter 915 MHz
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
   SAW Filter 915 MHz
TA1392A TAI-SAW-TA1392A Datasheet
476Kb / 7P
   SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
   915 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
   915 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2294A TAI-SAW-TA2294A Datasheet
484Kb / 7P
   SAW Filter 915 MHz
TA1042B TAI-SAW-TA1042B Datasheet
1Mb / 7P
   SAW Filter 915 MHz
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com