データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDF05N40T データシート(PDF) 4 Page - SamHop Microelectronics Corp.

部品番号 SDF05N40T
部品情報  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF05N40T データシート(HTML) 4 Page - SamHop Microelectronics Corp.

  SDF05N40T Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF05N40T Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SDF05N40T
www.samhop.com.tw
Jan,27,2014
4
Gate-Source Voltage
Figure 7. On-Resistance vs.
VGS, Gate-Sorce Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage(V)
Figure 9. Capacitance
VDS, Drain-to Source Voltage(V)
Figure 10. Gate Charge
Qg, Total Gate Charge(nC)
Ver 1.0
110
100
1
10
100
300
VDS=200V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
Tf
0.1
1
10
100
1
0.1
0.01
1000
DC
0.001
VGS=10V
Single Pulse
TA=25 C
10
100
R DS
(O
N)
Li
mi
t
10
ms
1m
s
100u
s
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
6
5
4
3
2
1
0
24
6
8
10
0
ID=2.5A
125 C
75 C
25 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
25 C
125 C
75 C
420
350
280
210
140
70
0
010
20
30
40
50
Ciss
Crss
Coss
10
8
6
4
2
0
01
2
3
45
6
7
8
V DS = 200V
ID=1A


同様の部品番号 - SDF05N40T

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDF05N50 SAMHOP-SDF05N50 Datasheet
195Kb / 11P
   Super high dense cell design for low RDS(ON).
More results

同様の説明 - SDF05N40T

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com