データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDF06N60 データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 SDF06N60
部品情報  Super high dense cell design for low RDS(ON
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF06N60 データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  SDF06N60 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF06N60 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
tp
V(BR )D SS
IAS
F igure 12a.
F igure 12b.
Unc lamped
s
Inductive Te t Circuit
o
frm
Wave
s
Unc lamped Inductive
Ver 2.1
www.samhop.com.tw
Dec,24,2013
5
0.01
0.1
1
2
0.00001
0.0001
0.001
0.01
0.1
1
P DM
t1
t2
1. R JC (t)=r (t) *
2.
=S ee Datas heet
3. T JM-T C =P *
(t )
4. Duty C ycle, D=t1/t2
R JC
R JC
R JC
10
S quare W ave P uls e Duration (ms ec)
D=0.5
0.05
0.02
0.2
0.1
0.01
S ingle P uls e
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
DD
20V
V
0.01
0.1
1
2
0.00001
0.0001
0.001
0.01
0.1
1
P DM
t1
t2
1. R JC (t)=r (t) *
2.
=S ee Datas heet
3. T JM-T C =P *
(t )
4. Duty C ycle, D=t1/t2
R JC
R JC
R JC
10
S ingle P uls e
0.02
0.05
0.1
0.2
D=0.5
0.01
Square Wave Pulse Duration (msec)
Figure 13a. Normalized Thermal Transient Impedance Curve for SDP06N60
Figure 13b. Normalized Thermal Transient Impedance Curve for SDF06N60
SDP06N60
SDF06N60


同様の部品番号 - SDF06N60

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
SDF01 FS-SDF01 Datasheet
525Kb / 6P
   With low holding and latching current
2021. 05. 21 Revision No : 0
SDF0105-621 FS-SDF0105-621 Datasheet
525Kb / 6P
   With low holding and latching current
2021. 05. 21 Revision No : 0
SDF0105-6E FS-SDF0105-6E Datasheet
525Kb / 6P
   With low holding and latching current
2021. 05. 21 Revision No : 0
SDF0105-6E1 FS-SDF0105-6E1 Datasheet
525Kb / 6P
   With low holding and latching current
2021. 05. 21 Revision No : 0
SDF0105-6U FS-SDF0105-6U Datasheet
525Kb / 6P
   With low holding and latching current
2021. 05. 21 Revision No : 0
More results

同様の説明 - SDF06N60

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com