データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDT02N02 データシート(PDF) 3 Page - SamHop Microelectronics Corp.

部品番号 SDT02N02
部品情報  S uper high dense cell design for low R DS (ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDT02N02 データシート(HTML) 3 Page - SamHop Microelectronics Corp.

  SDT02N02 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDT02N02 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SDT02N02
www.samhop.com.tw
Jun,07,2012
3
Figure 1. Output Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
ID, Drain Current (A)
Tj( C)
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
Tj, Junction Temperature ( C)
Drain Current and Temperature
Figure 4. On-Resistance Variation with
and Gate Voltage
Figure 3. On-Resistance vs. Drain Current
Ver 1.0
0
2
4
6
8
10
12
2.8
2.1
1.4
0.7
0
3.5
VGS = 10V
VGS = 6V
2.5
0
2.0
1.5
1.0
0.5
0
1.5
9
7.5
6
4.5
3
25 C
Tj=125 C
-55 C
0.1
6
5
4
3
2
1
0
0.7
1.4
2.1
2.8
3.5
VGS = 10V
0
100
75
25
50
125
150
2.5
2.2
1.9
1.6
1.3
1.0
0.7
V GS =10V
ID=1A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
VGS = 5V
VGS = 7V


同様の部品番号 - SDT02N02

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SDT02S60 INFINEON-SDT02S60 Datasheet
204Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.0 2004-03-22
More results

同様の説明 - SDT02N02

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD1530PL SAMHOP-STUD1530PL Datasheet
103Kb / 8P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com