データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDT03N04 データシート(PDF) 4 Page - SamHop Microelectronics Corp.

部品番号 SDT03N04
部品情報  S uper high dense cell des ign for low R DS (ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDT03N04 データシート(HTML) 4 Page - SamHop Microelectronics Corp.

  SDT03N04 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDT03N04 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDT03N04 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDT03N04 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDT03N04 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDT03N04 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDT03N04 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SDT03N04
www.samhop.com.tw
Oct,08,2010
4
Gate-Source Voltage
Figure 7. On-Resistance vs.
VGS, Gate-Sorce Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage(V)
Figure 9. Capacitance
VDS, Drain-to Source Voltage(V)
Figure 10. Gate Charge
Qg, Total Gate Charge(nC)
Ver 1.2
Figure 12. Maximum Safe
VDS, Drain-Source Voltage (V)
Operating Area
0.1
1
10
100
1
0.1
0.01
1000
VGS=10V
Single Pulse
TA=25 C
0.001
1
10
100
1
10
100
300
VDS=200V,ID=1A
VGS=10V
TD( on)
Tr
TD( of f )
Tf
9.0
7.5
6.0
4.5
3.0
1.5
0
2
4
6
8
10
0
ID=1A
125 C
75 C
25 C
125 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
75 C
25 C
300
250
200
150
100
50
0
0
10
20
30
40
50
C i s s
C o s s
C r s s
Rg, Gate Resistance(
)
Figure 11. switching characteristics
DC
10
8
6
4
2
0
0
1
2
3
4
5
6
7
8
V DS = 200V
ID=1A
10
s
1s
10
0m
s
10
m
s


同様の部品番号 - SDT03N04

メーカー部品番号データシート部品情報
logo
C&K Components
SDT004 CK-COMPONENTS-SDT004 Datasheet
139Kb / 1P
   Micro Mini Pendulum Surface Mount Detect Switches
logo
SamHop Microelectronics...
SDT01N02 SAMHOP-SDT01N02 Datasheet
130Kb / 7P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
logo
Infineon Technologies A...
SDT02S60 INFINEON-SDT02S60 Datasheet
204Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.0 2004-03-22
logo
List of Unclassifed Man...
SDT0402T-100M-N ETC2-SDT0402T-100M-N Datasheet
609Kb / 4P
   SMD Shielded Power Inductors
More results

同様の説明 - SDT03N04

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com