データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC647BDW1T1 データシート(PDF) 3 Page - Leshan Radio Company

部品番号 BC647BDW1T1
部品情報  Dual General Purpose Transistors(NPN Duals)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC647BDW1T1 データシート(HTML) 3 Page - Leshan Radio Company

  BC647BDW1T1 Datasheet HTML 1Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 2Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 3Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 4Page - Leshan Radio Company BC647BDW1T1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
BC846b–3/5
BC846BDW1T1, BC847BDW1T1, BC847CDW1T1, BC848BDW1T1, BC848CDW1T1
TYPICAL CHARACTERISTICS
I C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
I B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
0.02
0.1
1.0
10
20
2.0
1.6
1.2
0.8
0.4
0
1.0
1.2
1.6
2.0
2.4
2.8
0.2
1.0
10
100


同様の部品番号 - BC647BDW1T1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
   High Current Transistors
logo
NXP Semiconductors
BC640 NXP-BC640 Datasheet
143Kb / 15P
   80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
logo
List of Unclassifed Man...
BC640 ETC-BC640 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Micro Commercial Compon...
BC640 MCC-BC640 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
More results

同様の説明 - BC647BDW1T1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BDW WEITRON-BC846BDW Datasheet
201Kb / 6P
   General Purpose Transistor NPN Duals
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com