データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC848ALT1 データシート(PDF) 3 Page - Leshan Radio Company

部品番号 BC848ALT1
部品情報  General Purpose Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC848ALT1 データシート(HTML) 3 Page - Leshan Radio Company

  BC848ALT1 Datasheet HTML 1Page - Leshan Radio Company BC848ALT1 Datasheet HTML 2Page - Leshan Radio Company BC848ALT1 Datasheet HTML 3Page - Leshan Radio Company BC848ALT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPA N Y, LTD.
M3–3/4
BC846ALT1,BLT1 BC847ALT1,BLT1 CLT1 thru BC850BLT1,CLT1
BC847/BC848
V
R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
I
C , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
T
A = 25°C
V
BE(sat) @ I C /I B = 10
V
BE @ VCE = 5.0 V
V
CE = 10V
T
A = 25°C
T
A = 25°C
V
CE = 5V
T
A = 25°C
V
CE(sat) @ I C /I B= 10
I
C =
10 mA
100mA
20mA
200mA
50mA
T
A= 25°C
θ
VB for V BE
–55°C to 125°C
C
ob
C
ib
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
1.0
0.8
0.6
0.4
0.2
0
400
300
200
100
80
60
40
30
20
10.0
7.0
5.0
3.0
2.0
1.0
2.0
1.0
0.5
0.2
2.0
1.6
1.2
0.8
0.4
0
0.4
0.6 0.8 1.0
2.0
4.0 6.0 8.0 10
20
40
0.5 0.7 1.0
2.0 3.0
5.0 7.0
10
20
30
50
0.1 0.2
1.0
10
100
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20


同様の部品番号 - BC848ALT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC848ALT1 MOTOROLA-BC848ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC848ALT1 ONSEMI-BC848ALT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC848ALT1G ONSEMI-BC848ALT1G Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC848ALT1G ONSEMI-BC848ALT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848ALT1G ONSEMI-BC848ALT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
More results

同様の説明 - BC848ALT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com