データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB31L01 データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STB31L01
部品情報  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB31L01 データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STB31L01 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB31L01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB31L01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB31L01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB31L01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB31L01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB31L01 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
STB31L01
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
100
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m ) Typ
100V
26A
49
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-263 Package.
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a
A
Ver 1.1
www.samhop.com.tw
Sep,20,2012
1
Details are subject to change without notice.
TC=25°C
W
PD
°C
-55 to 175
TC=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
2
°C/W
Thermal Resistance, Junction-to-Case
R JC
TC=70°C
A
TC=70°C
W
26
76
75
Gre
rr
P
Pr
P
P o
rr
21.8
52.5
62.5
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
STB S ER IE S
TO-263(DD-P AK )
G
G
S
S
D
D
EAS
Single Pulse Avalanche Energy
c
mJ
36


同様の部品番号 - STB31L01

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB31N65M5 STMICROELECTRONICS-STB31N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
logo
Inchange Semiconductor ...
STB31N65M5 ISC-STB31N65M5 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - STB31L01

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com