データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBP60L60A データシート(PDF) 2 Page - SamHop Microelectronics Corp.

部品番号 STBP60L60A
部品情報  Super high dense cell design for extremely low RDS(ON).7
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP60L60A データシート(HTML) 2 Page - SamHop Microelectronics Corp.

  STBP60L60A Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP60L60A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
IGSS
±100
nA
VGS(th)
2
V
15
gFS
48
S
VSD
CISS
2300
pF
COSS
142
pF
CRSS
108
pF
Qg
63
nC
71
nC
Qgs
162
nC
Qgd
42
tD(ON)
28
ns
tr
5
ns
tD(OFF)
11
ns
tf
ns
Gate-Drain Charge
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=30V
ID=1A
VGS=10V
RGEN=60 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=30V,ID=25A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=32.5A
VDS=20V , ID=32.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=250uA
VDS=48V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
4
19
b
f=1.0MHz
b
VDS=30V,ID=25A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=1A
0.75
1.3
V
Notes
STB/P60L60A
Ver 3.0
www.samhop.com.tw
Oct,13,2011
2
2.8
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 30V.(See Figure13)
_
_
_


同様の部品番号 - STBP60L60A

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
More results

同様の説明 - STBP60L60A

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
   Super High Dense Cell Design for Extremely Low RDS(ON)
logo
SamHop Microelectronics...
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP454 SAMHOP-STBP454 Datasheet
182Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
   Super high dense cell design for extremely low RDS(ON).
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP35N10 SAMHOP-STP35N10 Datasheet
139Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com