データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBP423S データシート(PDF) 2 Page - SamHop Microelectronics Corp.

部品番号 STBP423S
部品情報  S uper high dense cell design for extremely low R DS (ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP423S データシート(HTML) 2 Page - SamHop Microelectronics Corp.

  STBP423S Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP423S Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP423S Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP423S Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP423S Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP423S Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP423S Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
5
P-Channel ELECTRICAL CHARACTERISTICS
S T B / P 4 2 3 S
-40
VGS -10V, ID -24A
VGS -4.5V, ID -12A
VDS -10V, ID -10A
VDS =-20V, VGS = 0V
f =1.0MHZ
VDD = -24V
ID = -24 A
VGS = -10V
R GEN = 3.3 ohm
VDS =-24V, ID = -24A
VGS =-10V
=
=
=
=
=
=
VDS =-24V, ID =-24A,VGS =-10V
VDS =-24V, ID =-24A,VGS =-4.5V
5
E LE C TR IC AL C HAR AC TE R IS TIC S (TA 25 C unless otherwise noted)
=
Parameter
S ymbol
Condition
Min Typ Max Unit
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
V
Zero Gate Voltage Drain Current
IDSS
VDS -32V, VGS 0V
=
=
-1
uA
Gate-Body Leakage
IGSS
VGS
20V,VDS 0V
=
=
nA
ON CHAR ACTE R IS TICS
b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1.0
V
Drain-S ource On-S tate R esistance
R DS(ON)
C
100
m ohm
25
S
Forward Transconductance
FS
g
DYNAMIC CHAR ACTE R IS TICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
P
F
P
F
P
F
S WITCHING CHAR ACTE R IS TICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
ns
ns
ns
ns
105
96
Fall Time
380
650
68
m ohm
Total Gate Charge
Gate-S ource Charge
Gate-Drain Charge
Qg
Qgs
Qgd
nC
nC
nC
nC
94
25.2
9.5
48
10
-3.0
9.5
4210
230
-1.8
7.5
12.5


同様の部品番号 - STBP423S

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP434S SAMHOP-STBP434S Datasheet
257Kb / 8P
   Super high dense cell design for low RDS(ON).
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
More results

同様の説明 - STBP423S

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com