データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBP454 データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STBP454
部品情報  Super high dense cell design for extremely low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP454 データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STBP454 Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STB/P454
Symbol
VDS
VGS
IDM
EAS
2
62.5
W
A
PD
°C
75
-55 to 175
ID
Units
Parameter
40
80
235
°C/W
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
°C/W
462
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
40V
80A
4.8 @ VGS=10V
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220 & TO-263 package.
STB S ER IE S
TO-263(DD-P AK )
G
S
D
STP S ER IE S
TO-220
S
D
G
S
G
D
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
TC=25°C
-Pulsed
a
A
Avalanche Energy
c
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
www.samhop.com.tw
May,17,2013
1
Details are subject to change without notice.
A
67
TC=70°C
TC=70°C
52.5
W
Green
Product
7.2 @ VGS=4.5V
Ver 1.1


同様の部品番号 - STBP454

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STBP423S SAMHOP-STBP423S Datasheet
192Kb / 7P
   S uper high dense cell design for extremely low R DS (ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP434S SAMHOP-STBP434S Datasheet
257Kb / 8P
   Super high dense cell design for low RDS(ON).
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
More results

同様の説明 - STBP454

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
   Super High Dense Cell Design for Extremely Low RDS(ON)
logo
SamHop Microelectronics...
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
   Super high dense cell design for extremely low RDS(ON).
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP35N10 SAMHOP-STP35N10 Datasheet
139Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP652F SAMHOP-STP652F Datasheet
126Kb / 7P
   Super high dense cell design for extremely low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com