データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF8209A データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STF8209A
部品情報  Super high dense cell design for low RDS(ON).
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8209A データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STF8209A Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8209A Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8209A Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8209A Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8209A Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8209A Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
STF8209A
Symbol
VDS
VGS
IDM
75
W
A
PD
°C
1.67
-55 to 150
ID
Units
Parameter
20
6.5
40
°C/W
V
V
±12
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
20V
6.5A
23.0
@
VGS=4.0V
22.0
@
VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
Ver 1.0
www.samhop.com.tw
Jul,06,2011
1
Details are subject to change without notice.
a
TA=25°C
TA=70°C
A
TA=70°C
W
Dual N-Channel Enhancement Mode Field Effect Transistor
Gre
rr e
P
Pr
P
P o
rr
ESD Protected.
G2
S1
S1
G1
S2
S2
1
2
3
4
5
6
Bottom Drain Contact
5.2
1.07
G1
S1
S1
T
T D
DF
F N
N 2
2X
X 5
5
G2
S2
S2
(Bottom view)
P
P IIN
N 1
1
D1/D2
27.5
@
VGS=3.1V
33.5
@
VGS=2.5V
24.0
@
VGS=3.7V


同様の部品番号 - STF8209A

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STF8209 SAMHOP-STF8209 Datasheet
95Kb / 6P
   Super high dense cell design for low RDS(ON).
More results

同様の説明 - STF8209A

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com