データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G01 データシート(PDF) 3 Page - Leshan Radio Company

部品番号 MC74VHC1G01
部品情報  2-Input NAND Gate with Open Drain Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MC74VHC1G01 データシート(HTML) 3 Page - Leshan Radio Company

  MC74VHC1G01 Datasheet HTML 1Page - Leshan Radio Company MC74VHC1G01 Datasheet HTML 2Page - Leshan Radio Company MC74VHC1G01 Datasheet HTML 3Page - Leshan Radio Company MC74VHC1G01 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
VH1–3/4
DC ELECTRICAL CHARACTERISTICS
V CC
T A = 25°C
T A < 85°C –55°C to 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
V IH
Minimum High–Level
2.0
1.5
1.5
1.5
V
Input Voltage
3.0
2.1
2.1
2.1
4.5
3.15
3.15
3.15
5.5
3.85
3.85
3.85
V IL
Maximum Low–Level
2.0
0.5
0.5
0.5
V
Input Voltage
3.0
0.9
0.9
0.9
4.5
1.35
1.35
1.35
5.5
1.65
1.65
1.65
V OH
Minimum High–Level
V IN = V IH or V IL
2.0
1.9
2.0
1.9
1.9
V
Output Voltage
I OH = – 50
µA
3.0
2.9
3.0
2.9
2.9
V IN = V IH or V IL
4.5
4.4
4.0
4.4
4.4
V IN = V IH or V IL
I OH = –4 mA
3.0
2.58
2.48
2.34
I OH = –8 mA
4.5
3.94
3.80
3.66
V OL
Maximum Low–Level
V IN = V IH or V IL
2.0
0.0
0.1
0.1
0.1
V
Output Voltage
I OL = 50
µA
3.0
0.0
0.1
0.1
0.1
V IN = V IH or V IL
4.5
0.0
0.1
0.1
0.1
V IN = V IH or V IL
I OL = 4 mA
3.0
0.36
0.44
0.52
I OL = 8 mA
4.5
0.36
0.44
0.52
I IN
Maximum Input
V IN = 5.5 V or GND
0 to5.5
±
0.1
±
1.0
±
1.0
µA
Leakage Current
I CC
Maximum Quiescent
V IN = V CC or GND
5.5
2.0
20
40
µA
Supply Current
I OPD
Maximum Off–state
V OUT = 5.5 V
0
0.25
2.5
5.0
µA
Leakage Current
MC74VHC1G01
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns
T A = 25°C
T A < 85°C 55°C to 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max Unit
t PZL
Maximum Output
V CC = 3.3 ± 0.3 V C L = 15 pF
5.5
7.9
9.5
11.0
ns
Enable Time,
R L = R I = 500
C L = 50 pF
8.0
11.4
13.0
15.5
Input A or B to Y
V CC = 5.0 ± 0.5 V C L = 15 pF
3.7
5.5
6.5
8.0
R L = R I = 500
C L = 50 pF
5.2
7.5
8.5
8.0
t PLZ
Maximum Output
V CC = 3.3 ± 0.3 V
C L = 50 pF
8.0
11.4
13.0
15.5
ns
Disable Time
R L = R I = 500
V CC = 5.0 ± 0.5 V C L = 50 pF
5.2
7.5
8.5
10.0
R L = R I = 500
C IN
Maximum Input
4
10
10
10
pF
Capacitance
Typical @ 25°C, V CC = 5.0 V
C PD
Power Dissipation Capacitance (Note 6)
18
pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without
load. Average operating current can be obtained by the equation: I CC(OPR) = C PD
x V
CC
x f
in + I CC
. C
PD is used to determine the no–
load dynamic power consumption; P D = C PD
x V
CC
2
x f
in + I CC
x V
CC .


同様の部品番号 - MC74VHC1G01

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

同様の説明 - MC74VHC1G01

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com