データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV2104 データシート(PDF) 1 Page - Leshan Radio Company

部品番号 MV2104
部品情報  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV2104 データシート(HTML) 1 Page - Leshan Radio Company

  MV2104 Datasheet HTML 1Page - Leshan Radio Company MV2104 Datasheet HTML 2Page - Leshan Radio Company MV2104 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV2101~MMBV2109
–1/3
MV2101~MV2115
1
3
2
CASE 318–08, STYLE 8
SOT– 23 (TO–236AB)
MMBV2101LT1
MMBV2103LT1
MMBV2105LT1
MMBV2107LT1
MMBV2108LT1
MMBV2109LT1
MV2101
MV2104
MV2106
MV2108
MV2109
MV2111
MV2115
These devices are designed in the popular PLASTIC PACKAGE for
high volumerequirements of FM Radio and TV tuning and AFC, general
frequency control andtuning applications.They provide solid–state reliability
in replacement of mechanical tuning methods. Also available in Surface
Mount Package up to 33pF.
• High Q
• Controlled and Uniform Tuning Ratio
• Standard Capacitance Tolerance —10%
• Complete Typical Design Curves
Silicon Tuning Diode
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
MV21XX MMBV21XXLT1
Unit
Reverse Voltage
V R
30
Vdc
Forward Current
I F
200
mAdc
Forward power Dissipation @T A = 25°C
P D
280
225
m W
Derate above 25°C
2.8
1.8
mW/°C
Junction Temperature
T J
+150
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV2101LT1=M4G
MMBV2107LT1=4W
MMBV2103LT1=4H
MMBV2108LT1=4X
MMBV2105LT1=4U
MMBV2109LT1=4J
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V (BR)R
30
Vdc
(IR=1.0
µAdc)
Reverse Voltage Leakage Current
I R
0.1
µAdc
(VR=25Vdc,TA=25°C)
Diode Capacitance Temperature Coefficient
TCC
280
ppm/°C
(VR=4.0Vdc,f=1.0MHz)
6.8-100p
30 VOLTS
VOLTAGE VARIABLE
CAPACITANCE DIODES
3
CATHODE
1
ANODE


同様の部品番号 - MV2104

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MV21001 MICROSEMI-MV21001 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
MV21002 MICROSEMI-MV21002 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
MV21003 MICROSEMI-MV21003 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
MV21004 MICROSEMI-MV21004 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
MV21005 MICROSEMI-MV21005 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
More results

同様の説明 - MV2104

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com