データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2221 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 2N2221
部品情報  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2221 データシート(HTML) 1 Page - Central Semiconductor Corp

  2N2221_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N2221_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2221
2N2222
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2221 and
2N2222 are silicon NPN epitaxial planar transistors
designed for small signal, general purpose switching
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
800
mA
Power Dissipation
PD
500
mW
Power Dissipation (TC=25°C)
PD
1.2
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
350
°C/W
Thermal Resistance
ΘJC
146
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
-
10
nA
ICBO
VCB=50V, TA=150°C
-
10
μA
IEBO
VEB=3.0V
-
10
nA
BVCBO
IC=10μA
60
-
V
BVCEO
IC=10mA
30
-
V
BVEBO
IE=10μA
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
-
1.6
V
VBE(SAT)
IC=150mA, IB=15mA
0.6
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
-
2.6
V
fT
VCE=20V, IC=20mA, f=100MHz
250
-
MHz
Cob
VCB=10V, IE=0, f=100kHz
-
8.0
pF
Cib
VEB=0.5V, IC=0, f=100kHz
-
30
pF
TO-18 CASE
R2 (24-July 2013)
www.centr a lsemi.com


同様の部品番号 - 2N2221_15

メーカー部品番号データシート部品情報
logo
STMicroelectronics
2N2221-2N2222 STMICROELECTRONICS-2N2221-2N2222 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
2N2221A SIEMENS-2N2221A Datasheet
116Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Comset Semiconductor
2N2221A COMSET-2N2221A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Fairchild Semiconductor
2N2221A FAIRCHILD-2N2221A Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
More results

同様の説明 - 2N2221_15

メーカー部品番号データシート部品情報
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com